Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1635 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 33Page - STMicroelectronics UM1635 Datasheet HTML 34Page - STMicroelectronics UM1635 Datasheet HTML 35Page - STMicroelectronics UM1635 Datasheet HTML 36Page - STMicroelectronics UM1635 Datasheet HTML 37Page - STMicroelectronics UM1635 Datasheet HTML 38Page - STMicroelectronics UM1635 Datasheet HTML 39Page - STMicroelectronics UM1635 Datasheet HTML 40Page - STMicroelectronics UM1635 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
DocID024604 Rev 2
37/42
UM1635
CallBack timings
Appendix A
CallBack timings
Note:
Callback time period for ‘CheckSum()’ is measured with CALLBACK_CS (CallBack function
period for checksum)
Callback time period for ‘ProgramVerify()’ is measured with CALLBACK_PV (CallBack
function period for program verify)
Callback time period for ‘BlankCheck()’ is measured with CALLBACK_BC (CallBack
function period for program verify)
Table 60.
CallBack timings period for SPC56ELx
API name
Time (µs)
System clock = 40MHz
FlashProgram() (size = 0x1000)
2.250
ProgramVerify()(size = 0x1000, CALLBACK_PV = 70)
96.825
FlashErase() (low block 0)
2.350
BlankCheck() (size = LOW_BLOCK0_SIZE, CALLBACK_BC = 75)
99.250
CheckSum (size = 0x1000, CALLBACK_CS = 105)
107.425
FlashArrayIntegrityCheck (low block 0)
2.25
FactoryMarginReadCheck (low block 0)
2.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42