Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1635 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 19Page - STMicroelectronics UM1635 Datasheet HTML 20Page - STMicroelectronics UM1635 Datasheet HTML 21Page - STMicroelectronics UM1635 Datasheet HTML 22Page - STMicroelectronics UM1635 Datasheet HTML 23Page - STMicroelectronics UM1635 Datasheet HTML 24Page - STMicroelectronics UM1635 Datasheet HTML 25Page - STMicroelectronics UM1635 Datasheet HTML 26Page - STMicroelectronics UM1635 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID024604 Rev 2
23/42
UM1635
API specification
Comments
This function resumes one operation if there is any operation is suspended. For instance, if
a program operation is in suspended state, it is resumed. If an erase operation is in
suspended state, it is resumed too. If an erase-suspended program operation is in
suspended state, the program operation is resumed prior to resuming the erase operation. It
is better to call this function based on suspendFlag returned from ‘FlashSupend()’.
Table 30 defines and describes various resume states and associated resume codes.
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API.
2.6.9
GetLock()
Description
This function checks the block locking status of Shadow/Low/Middle/High address spaces in
the C90FL2 module.
Prototype
UINT32 GetLock (PSSD_CONFIG pSSDConfig,
UINT8 blkLockIndicator,
BOOL *blkLockEnabled,
UINT32 *blkLockState);
Arguments
Table 30. resumeState definitions
Code Name
Value
Description
RES_NOTHING
0
No program/erase operation to be resumed
RES_PGM
1
A program operation is resumed
RES_ERS
2
A erase operation is resumed
RES_ERS_PGM
3
A suspended erase-suspended program operation is
resumed
Table 31. Arguments for GetLock()
Argument
Description
Range
pSSDConfig
Pointer to the SSD Configuration Structure.
The values in this structure are chip-
dependent. Please refer to Section 2.3 for
more details.
blkLockIndicator
Indicating the address space and the block
locking level, which determines the address
space block locking register to be checked.
Refer to Table 34 for valid values for this
parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42