| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1635 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1635 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 42 page ![]() API specification UM1635 22/42 DocID024604 Rev 2 The values of EHV, ERS, ESUS, PGM, PSUS and PEAS represent the C90FL2 status at the entry of FlashSuspend; 0: Logic zero; 1: Logic one; X: Do-not-care. Assumptions It assumes that the Flash block is initialized using the ‘FlashInit()’ API. 2.6.8 FlashResume() Description This function checks if there is any suspended erase or program operation on the C90FL2 module and resumes the suspended operation if there is any. Prototype UINT32 FlashResume (PSSD_CONFIG pSSDConfig, UINT8 *resumeState); Arguments Return values Troubleshooting None. SHADOW_ERS_SUS 1 1 0 0 X 1 TRUE X1 1 0 X 1 FALSE ERS_SUS_PGM_SUS 1 1 1 1 0 X TRUE X1 1 1 1 X FALSE Table 27. Suspending state and flag vs. C90FL2 status (continued) suspendState EHV ERS ESUS PGM PSUS PEAS suspendFlag Table 28. Arguments for FlashResume() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. resumeState Indicate the resume state of C90FL2 module after the function being called. All return values are listed in Table 30 . Table 29. Return values for FlashResume() Type Description Possible values UINT32 Successful completion. C90FL_OK |