| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2388 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2388 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 54 page ![]() AN2388 Software design 45/54 4.6.2 The ( α,β)-> (d,q) projection (Park transformation) In the following code the constant and variables under consideration are implemented in 1.15 format. The quantity Teta_cm represents the rotor flux position calculated by the current model. ************************************************************************************ **************************Park Transformation * * (alfa, beta) ->(d,q) * * iSd = iSalfa*Cos_Teta_cm+iSbeta*Sin_Teta_cm.....* * iSq = -iSalfa*Sin_Teta_cm+iSbeta*Cos_Teta_cm * void Park(void) { mul_q15_q15_q31(qIalfa,Cos_Teta_cm,&qId_tmp_1); mul_q15_q15_q31(qIbeta,Sin_Teta_cm,&qId_tmp_2); qId_1 = (short)(qId_tmp_1>>16);// Q1.31 ->Q1.15 conversion qId_2 = (short)(qId_tmp_2>>16);// Q1.31 ->Q1.15 conversion qId = (qId_1+qId_2);//Id component in Q1.15 format mul_q15_q15_q31(qIalfa,Sin_Teta_cm,&qIq_tmp_1); //Sin_Teta_cm is the tabled value Sin_Cos_Table[Sin_Index] mul_q15_q15_q31(qIbeta,Cos_Teta_cm,&qIq_tmp_2);//Cos_Teta_cm is the tabled value Sin_Cos_Table[Sin_Index+64] qIq_1 = (short) (qIq_tmp_1>>16);// Q1.31 ->Q1.15 conversion qIq_2 = (short) (qIq_tmp_2>>16);// Q1.31 ->Q1.15 conversion qIq = (-qIq_1)+(qIq_2);//Iq component in Q1.15 Format } SinTeta_cm and cosTeta_cm indicate respectively the Teta_cm sine and cosine values. The modalities required to determine these values are explained later in this document. 4.6.3 The Current model implementation (rotor flux estimator) This chapter represents the core module of the Field Oriented Control (FOC). This module takes as input id, iq plus the rotor electrical speed. In addition to the essential equations, the numerical considerations, code is also be shown. |