Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2388 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 31Page - STMicroelectronics AN2388 Datasheet HTML 32Page - STMicroelectronics AN2388 Datasheet HTML 33Page - STMicroelectronics AN2388 Datasheet HTML 34Page - STMicroelectronics AN2388 Datasheet HTML 35Page - STMicroelectronics AN2388 Datasheet HTML 36Page - STMicroelectronics AN2388 Datasheet HTML 37Page - STMicroelectronics AN2388 Datasheet HTML 38Page - STMicroelectronics AN2388 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
AN2388
Software design
35/54
Figure 31.
PWM interrupt service routine (IFOC control loop)
4.3
Software variables
The following lines show the different variables used in this control software and in the
equations and schemes presented here.
ia, ib, ic
phase currents
ialfa, ibeta
stator current (α,β) components
iq, id
stator current flux and torque component
Flux_ref, Torque_ref
flux and torque command
Teta_cm
rotor flux position
fs
rotor flux speed
imR
magnetizing current
vd, vq
(d, q) components of the stator voltage
valfa, vbeta
(α, β) components of the stator voltage (input of the
SVPWM)
Vn_Vdc
Vn/DC bus voltage
Vn_Vdc_inverse
Constant using in the SVPWM
Vref1, Vref2, Vref3
Voltage reference used for SV sector determination
Sector
sector variable used in SVPWM
t1, t2
time vector application in SVPWM
Time_A, Time_B, Time_C
PWM commutation instant
PWM ISR
Currents Sensing
Clark Transf.
Position/Speed Sensing
Update Flux Angle
Park Transf.
FOC Equations
(Flux Estimator)
Flux & Torque Regulator
Reverse Park Transf.
Sine Generating with
SVPWM Technique
Wait State in
Main Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54