Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2388 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 17Page - STMicroelectronics AN2388 Datasheet HTML 18Page - STMicroelectronics AN2388 Datasheet HTML 19Page - STMicroelectronics AN2388 Datasheet HTML 20Page - STMicroelectronics AN2388 Datasheet HTML 21Page - STMicroelectronics AN2388 Datasheet HTML 22Page - STMicroelectronics AN2388 Datasheet HTML 23Page - STMicroelectronics AN2388 Datasheet HTML 24Page - STMicroelectronics AN2388 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
AN2388
Vector control of AC induction machines
21/54
Figure 17.
Each of the vectors U0, U60, etc., in the diagram represent the six voltage steps developed
by the inverter where the zero voltages 0000 and 0111 are located at the origin. At each of
these states the inverter transistors are in steady state. In order to develop a sine wave at
the motor then we must devise a switching pattern that produces a voltage at not only the six
vectors states but also one which transitions in between these states. This effectively means
producing a continuously rotating vector Uout that transition smoothly from state to state.
SVPWM seeks to average out the adjacent vectors for each sector. Using the appropriate
PWM signals a vector is produced that transitions smoothly between sectors and thus
provide sinusoidal line to line voltages to the motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54