| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2061 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2061 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() 3/15 AN2061 1 INTRODUCTION Substituting external EEPROM with emulated EEPROM from the embedded-Flash of the Mi- crocontroller is a complex development. This application note assumes that readers are al- ready familiar with the techniques used to secure the content of evolutive information in external EEPROM of embedded applications. This application note is organized in 3 parts: – description of the differences between external EEPROMs and embedded-Flash, – general description of EEPROM emulation concept, – introduction to embedded application aspects. Although this application note is focused and applicable to ST10F269, ST10F280, ST10F276 (and its derivatives: ST10F275, ST10F273, ST10F272, ST10F271), ST10F252 and ST10F296, most of its content is not dependent on the microcontroller. |