Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2061 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN2061
Description  External EEPROMs are often used in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2061 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN2061 Datasheet HTML 7Page - STMicroelectronics AN2061 Datasheet HTML 8Page - STMicroelectronics AN2061 Datasheet HTML 9Page - STMicroelectronics AN2061 Datasheet HTML 10Page - STMicroelectronics AN2061 Datasheet HTML 11Page - STMicroelectronics AN2061 Datasheet HTML 12Page - STMicroelectronics AN2061 Datasheet HTML 13Page - STMicroelectronics AN2061 Datasheet HTML 14Page - STMicroelectronics AN2061 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AN2061
12/15
within the limits published in the Data Sheet (see relevant product documentation).
Failure to do so, could result in degraded reliability (lower number of erase cycles, lower data
retention).
4.3.2.4 ST10 PLL Unlock
As the Flash programing / erasing timings are not defined by the ST10 CPU core, PLL unlock
has no effect on the Flash erasing and programming. Usually, PLL unlock will stop communi-
cation because of change in bit/baud rate.
Detection Method:
Not necessary from ST10 point of view (to be checked with application specific constraints).
Suggested Handling Method:
Application dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15