Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2061 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2061
Description  External EEPROMs are often used in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2061 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2061 Datasheet HTML 7Page - STMicroelectronics AN2061 Datasheet HTML 8Page - STMicroelectronics AN2061 Datasheet HTML 9Page - STMicroelectronics AN2061 Datasheet HTML 10Page - STMicroelectronics AN2061 Datasheet HTML 11Page - STMicroelectronics AN2061 Datasheet HTML 12Page - STMicroelectronics AN2061 Datasheet HTML 13Page - STMicroelectronics AN2061 Datasheet HTML 14Page - STMicroelectronics AN2061 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
AN2061
5 SUMMARY
This application note has shown that by careful identification of events that can happen in the
field, and by definition of the Flash organization and its associated control bits, it is possible to
define a method to substitute external EEPROM with the embedded-Flash of a microcontrol-
ler.
Embedded aspects, handling of the different events that can happen in the field and the need-
ed safety level are the key factors that should influence the emulation concept described in this
application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15