Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX6352GP Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce NX6352GP
Description  LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6352GP Fiches technique(HTML) 1 Page - Renesas Technology Corp

  NX6352GP_15 Datasheet HTML 1Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 2Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 3Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 4Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 5Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 6Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R08DS0088EJ0100 Rev.1.00
Page 1 of 5
Feb 25, 2013
Preliminary Data Sheet
NX6352GP Series
LASER DIODE
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
FOR 9.8 Gb/s CPRI and 10G E-PON ONU APPLICATION
DESCRIPTION
The NX6352GP series is a 1 270/1 290/1 310/1 330/1 350 nm Multiple
Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser
diode with InGaAs monitor PIN-PD.
APPLICATIONS
• 9.8 Gbps CPRI
• 10G E-PON ONU
FEATURES
• Optical output power
PO = 8.5 mW
• Low threshold current
Ith = 7 mA
• Differential efficiency
ηd = 0.35 W/A
• Wide operating temperature range
TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Focal point
7.5 mm
R08DS0088EJ0100
Rev.1.00
Feb 25, 2013


Numéro de pièce similaire - NX6352GP_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX6352GP31 RENESAS-NX6352GP31 Datasheet
853Kb / 7P
LASER DIODE
Feb 25, 2013
logo
California Eastern Labs
NX6352GP31-AZ CEL-NX6352GP31-AZ Datasheet
1Mb / 6P
LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
More results

Description similaire - NX6352GP_15

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX6353EP CEL-NX6353EP Datasheet
714Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6350GP CEL-NX6350GP Datasheet
903Kb / 6P
1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6352GP CEL-NX6352GP Datasheet
1Mb / 6P
LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
NX6351GP CEL-NX6351GP Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6350EP RENESAS-NX6350EP_15 Datasheet
138Kb / 7P
LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6350GP RENESAS-NX6350GP_15 Datasheet
129Kb / 7P
LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE
NX6351GP RENESAS-NX6351GP_15 Datasheet
266Kb / 7P
LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
NX6353EP RENESAS-NX6353EP_15 Datasheet
247Kb / 7P
LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com