Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX6352GP Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce NX6352GP
Description  LASER DIODE 1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6352GP Fiches technique(HTML) 4 Page - Renesas Technology Corp

  NX6352GP_15 Datasheet HTML 1Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 2Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 3Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 4Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 5Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 6Page - Renesas Technology Corp NX6352GP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX6352GP Series
Chapter Title
R08DS0088EJ0100 Rev.1.00
Page 4 of 5
Feb 25, 2013
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Optical Output Power
PO
15
mW
Forward Current of LD
IF
120
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10.0
mA
Reverse Voltage of PD
VR
15
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +95
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
RECOMMENDED LD DRIVE CURRENT AT MODULE LEVEL
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TC = 25
°C
30
Bias Current
Ibias
TC = 85
°C
70
mA
ELECTRO-OPTICAL CHARACTERISTICS
(TC =
−40 to +85°C, CW, BOL, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Signaling Rate
9.8304
Gb/s
Optical Output Power
PO
8.5
mW
Operating Voltage
Vop
PO = 8.5 mW
2.0
V
Threshold Current
Ith
TC = 25
°C
7
15
mA
30
Differential Efficiency
ηd
PO = 8.5 mW, TC = 25
°C
0.23
W/A
PO = 8.5 mW
0.13
NX6352GP27
1 260
1 280
NX6352GP29
1 280
1 300
NX6352GP31
1 300
1 320
NX6352GP33
1 320
1 340
Peak Emission Wavelength
λp
PO = 8.5 mW
NX6352GP35
1 340
1 360
nm
Side Mode Suppression Ratio
SMSR
PO = 8.5 mW
35
dB
Rise Time
tr
20-80%
1
50
ps
Fall Time
tf
80-20%
1
50
ps
Monitor Current
Im
VR = 1.5 V, PO = 8.5 mW
100
1 000
μA
Monitor Dark Current
ID
VR = 3.3 V, TC = 25
°C
10
nA
VR = 3.3 V
100
Monitor PD Terminal
Capacitance
Ct
VR = 3.3 V, f = 1 MHz
20
pF
Note: 1.
9.8304 Gb/s, PRBS 2
31 −1, NRZ, Duty Cycle = 50%



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com