Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9853 Fiches technique(PDF) 29 Page - Analog Devices

No de pièce AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9853 Fiches technique(HTML) 29 Page - Analog Devices

Back Button AD9853_15 Datasheet HTML 23Page - Analog Devices AD9853_15 Datasheet HTML 24Page - Analog Devices AD9853_15 Datasheet HTML 25Page - Analog Devices AD9853_15 Datasheet HTML 26Page - Analog Devices AD9853_15 Datasheet HTML 27Page - Analog Devices AD9853_15 Datasheet HTML 28Page - Analog Devices AD9853_15 Datasheet HTML 29Page - Analog Devices AD9853_15 Datasheet HTML 30Page - Analog Devices AD9853_15 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
OBSOLETE
AD9853
–29–
REV. C
a. Layer 1 (Top) – Signal Routing and Ground Plane
b. Layer 2 – Ground Plane
Figure 40. PCB Layout Patterns for the Four-Layer AD9853-xxPCB Evaluation Board
c. Layer 3 – DUT +V, +5 V, and +12 V Power Plane
d. Layer 4 (Bottom) – Signal Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31