| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9853 Fiches technique(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9853 Fiches technique(HTML) 18 Page - Analog Devices |
|
18 / 31 page ![]() OBSOLETE AD9853 –18– REV. C SQUARE-ROOT RAISED COSINE (SRRC) FIR FILTER COMPUTE AND PLOT SRRC FILTER COEFFICIENTS: ...MAP THE FILTER TAP INDEX TO TIME DOMAIN (CENTERED AT T=0) ...INVERSE FOURIER INTEGRAL COMPUTE SRRC IMPULSE RESPONSE (TIME DOMAIN) FROM THE SRRC FREQUENCY RESPONSE (FREQUENCY DOMAIN). THE COS() FUNCTION REPLACES THE NORMAL COMPLEX EXPONENTIAL BECAUSE WE ARE RESTRICTED TO REAL FILTER COEFFICIENTS. ...SRRC FILTER COEFFICIENTS INTEGERIZED AND SCALED ...FIR FILTER COEFFICIENTS COMPUTE AND PLOT SRRC FREQUENCY RESPONSE: ...DEFINE NUMBER OF FREQUENCY POINTS AND FREQUENCY STEP SIZE (FOR PLOTTING PURPOSES) ...CREATE VECTOR OF UNIFORMLY SPACED FREQUENCY POINTS {fmax = 0.5; A REQUIREMENT OF THE GAIN() FUNCTION}, ...NORMALIZED FREQUENCY RESPONSE ...EXCESS BANDWIDTH FACTOR FOR SRRC FREQUENCY RESPONSE ...BANDWIDTH OF SRRC FILTER (RELATIVE TO SYMBOL RATE) ...PROCESSING GAIN OF CIC FILTERS (USED TO CORRELATE RESULTS WITH AD9853 EVAL. BD.) ...SETS MAX VALUE OF SRRC FILTER BASED ON FINITE WORD SIZE ...NUMBER OF FIR PULSE SHAPING FILTER TAPS ...UPSAMPLING RATIO OF FIR PULSE SHAPING FILTER (RELATIVE TO THE SYMBOL RATE) ...RETURNS 1 IF a <= x <= b, 0 OTHERWISE ...RETURNS NEAREST INTEGER TO x ...RATIO TO DECIBEL CONVERSION FUNCTION ...SRRC FREQUENCY RESPONSE FUNCTION (f IS RELATIVE TO THE SYMBOL RATE) 500 0 10 5 0 1520 2530 35 40 TAP SRRC IMPULSE RESPONSE FREQUENCY SCALE – fn 0 0 –20 –40 –60 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 FREQUENCY SCALED TO SYMBOL RATE SRRC NORMALIZED FREQUENCY RESPONSE 0 1 2 3 4 5 6 7 8 9 10111213 14 15 16 17 18 19 20 hT = 0 0 3 2 –2 –5 –2 5 7 1 –7 –7 7 19 7 –34 –71 –48 71 260 438 511 tap := 0..TAPS – 1 ttap := 1 FreqScale tap – TAPS – 1 2 . BW 0 h(t) := htap := h(ttap) h := INT h SCALEPROC GAIN max(h) . 0.5 freq_pts – 1 f := freq_pts := 250 n := 0..freq_pts – 1 fn := f n . K := (| gain(h,0) |)–1 Hn := K | gain (h,fn) | . GLOBAL DECLARATIONS CONSTANTS: 0.5 PROC_GAIN 1 BW 0.5 (1 + ) . SCALE 511 TAPS 41 FreqScale 4 FUNCTIONS: InRange (x,a,b) (x a) . (x b) INT(x) floor (x + 0.5) dB(x) if (| x | = 0, 200, 20 log (| x |)) . SRRC(f) passband 0.5 (1 – ) . stopband 0.5 (1 + ) if InRange (f, 0, stopband) 1 if InRange (f, 0, passband) cos 4 . . . (2 f + – 1) if InRange (f, passband, stopband) 0 otherwise SRRC(f) cos(2 f t)df .. . . Figure 33. Mathcad Simulation of a 41-Tap SRRC Filter |