| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9853 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9853 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 31 page ![]() OBSOLETE AD9853 –13– REV. C S DEVICE ADDRESS A(S) REGISTER ADDRESS A(S) DATA A(S) WRITE DATA A(S) P S DEVICE ADDRESS A(S) REGISTER ADDRESS A(S) READ DATA A(M) P DEVICE ADDRESS A(S) DATA S A(M) LSB = 0 LSB = 1 A(S) = ACKNOWLEDGE BY SLAVE A(M) = ACKNOWLEDGE BY MASTER S = START CONDITION P = STOP CONDITION A(M) = NO ACKNOWLEDGE BY MASTER Figure 27. Serial Control Bus—Read and Write Sequences R/W MSB A 1 0 0 0 0 0 LSB 0 = WRITE / 1 = READ ADDRESS CONTROL (SET VIA DEVICE PIN 6) Figure 28. Serial Control Bus—8-Bit Device Address Detail tFH tFL FEC DISABLE/ ENABLE CONTROL TXENABLE tFH = FEC TO TXENABLE SETUP TIME = 0ns tFL = FEC TO TXENABLE HOLD TIME = 0ns Figure 29. FEC Enable/Disable Timing Diagram tTR tRL TXENABLE RESET CONTROL CLOCK CONTROL DATA tRH tPWH tPWL tCH tDS tDH tCS tTR = MINIMUM TXENABLE LOW TO RESET LOW = 10ns tRL = MINIMUM RESET PULSEWIDTH = 10ns tRH = MINIMUM RESET TO START CONDITION = 10ns tCH = MINIMUM CLOCK HOLD TIME START CONDITION = 10ns tCS = MINIMUM CLOCK SETUP TIME STOP CONDITION = 10ns tDS = MINIMUM DATA SETUP TIME = 10ns tDH = MINIMUM DATA HOLD TIME = 10ns tPWH = tPWL = MINIMUM CLOCK PULSEWIDTH HIGH/LOW = 10ns tMP = MINIMUM CLOCK PERIOD = 40ns = 25MHz tMP Figure 30. Serial Control Interface Timing Diagram |