Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC80960HD32SL2GL Fiches technique(PDF) 43 Page - Intel Corporation

No de pièce FC80960HD32SL2GL
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Fiches technique(HTML) 43 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 39Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 40Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 41Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 42Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 43Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 44Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 45Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 46Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
37
4.7.1
AC Test Conditions
AC values are derived using the 50 pF load shown in Figure 8. Figure25“Output Delay orHoldvs.
Load Capacitance” on page 44, shows how timings vary with load capacitance. Input waveforms
(except for CLKIN) are assumed to have a rise and fall time of
≤ 2ns from0.8 V to2.0 V.
Figure 8. AC Test Load
Output Pin
CL = 50 pF for all signals
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More