Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC80960HD32SL2GL Fiches technique(PDF) 73 Page - Intel Corporation

No de pièce FC80960HD32SL2GL
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Fiches technique(HTML) 73 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 69Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 70Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 71Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 72Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 73Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 74Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 75Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 76Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
67
Figure 50. BOFF Functional Timing. BOFF occurs during a burst or non-burst data cycle.
ADS
BLAST
READY
BOFF
A31:2, SUP,
DP3:0 & D31:0,
BOFF may not
be asserted
BOFF may not
be asserted
BOFF may be asserted to suspend request
Begin Request
End Request
Suspend Request
Non-Burst
CT3:0, D/C,
BE3:0,WAIT,
DEN,DT/R
(WRITES)
Burst
Resume Request
Note:READY/BTERM must be enabled; NRAD,NRDD,NWAD,NWDD=0
Valid
Valid
CLKIN
PCHK
AD
A
May Change
BOFF Mode
Regenerate ADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More