Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HD Fiches technique(PDF) 70 Page - Intel Corporation

No de pièce 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Fiches technique(HTML) 70 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 66Page - Intel Corporation 80960HD Datasheet HTML 67Page - Intel Corporation 80960HD Datasheet HTML 68Page - Intel Corporation 80960HD Datasheet HTML 69Page - Intel Corporation 80960HD Datasheet HTML 70Page - Intel Corporation 80960HD Datasheet HTML 71Page - Intel Corporation 80960HD Datasheet HTML 72Page - Intel Corporation 80960HD Datasheet HTML 73Page - Intel Corporation 80960HD Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
80960HA/HD/HT
64
Advance Information Datasheet
Figure 47. Using External READY
CLKIN
ADS
A31:4, SUP,
DT/R
DEN
READY
W/R
CT3:0, D/C,
BLAST
BTERM
A3:2
WAIT
D31:0,
BE3:0,LOCK
D0
D1
D2
D3
D0
D1
D2
D3
00
01
10
11
00
01
10
11
Valid
Valid
Quad-Word Read Request
NRAD =0,NRDD =0,NXDA =0
Ready Enabled
Quad-Word Write Request
NWAD =1, NWDD =0,NWDA =0
Ready Enabled
DP3:0
PCHK
A1
D
D
D
D
1
A
2
D1
D1
D
1
D
NOTE: Pipelining must be disabled to use READY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More