| Moteur de recherche de fiches techniques de composants électroniques |
|
80960HD Fiches technique(PDF) 61 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HD Fiches technique(HTML) 61 Page - Intel Corporation |
|
61 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 55 Figure 38. Burst, Non-Pipelined Write Request with Wait States, 32-Bit Bus ADS A31:4, SUP, CT3:0, D/C, BE3:0,LOCK W/R BLAST DT/R DEN A3:2 WAIT D31:0, CLKIN A2 1 D 1 D 1 D 1 D 1 A Out0 Valid 00 11 01 10 Out1 Out2 Out3 DP3:0 PCHK Burst Bus Width Odd Parity NXDA NWDD NWAD NRDD 29 28 21 24 23-22 20 12-8 19-16 15-14 7-6 4-0 Enabled 1 OFF 32-bit 0 1 0001 10 X x Enabled 1 1 01 2 00010 X xx Disabled 0 X xxxxx Function Bit Value External Ready Control Pipe- Lining Parity Enable NRAD NOTE: Bits 31-30, 27-25, 13, and 5 are reserved. PMCON |