Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HD Fiches technique(PDF) 69 Page - Intel Corporation

No de pièce 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Fiches technique(HTML) 69 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 65Page - Intel Corporation 80960HD Datasheet HTML 66Page - Intel Corporation 80960HD Datasheet HTML 67Page - Intel Corporation 80960HD Datasheet HTML 68Page - Intel Corporation 80960HD Datasheet HTML 69Page - Intel Corporation 80960HD Datasheet HTML 70Page - Intel Corporation 80960HD Datasheet HTML 71Page - Intel Corporation 80960HD Datasheet HTML 72Page - Intel Corporation 80960HD Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
63
Figure 46. Burst, Pipelined Read Request with Wait States, 16-Bit Bus
ADS
A31:4, SUP,
CT3:0, D/C,
BE0/BLC,
W/R
A3:2
BE1/A1
WAIT
BLAST
DT/R
DEN
CLKIN
D15:0
A1=0
D15:0
A1=1
D15:0
A1=0
D15:0
A1=1
D15:0
D'
A2
1
D
1
D
1
D
1
A'
21
Valid
D
D'
Valid
In-
valid
In-
valid
A3:2 = 00 or 10
A3:2 = 01 or 11
Valid
In-
valid
Valid
In-
valid
BE3/BHE,
D31:0,
LOCK
DP3:0
PCHK
2
1
Burst
Bus
Width
Odd
Parity
NXDA
NWDD
NWAD
NRDD
29
28
21
24
23-22
20
12-8
19-16
15-14
7-6
4-0
Enabled
1
ON
1
X
xxxx
16-Bit
X
x
Enabled
1
X
xx
X
xxxxx
1
01
X
x
2
00010
Function
Bit
Value
External
Ready
Control
Pipe-
Lining
Parity
Enable
NRAD
NOTE: Bits 31-30, 27-25, 13, and 5 are reserved.
01
PMCON
1. Non-pipelined request concludes, pipelined reads begin
2. Pipelined reads conclude, non-pipelined requests begin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More