Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534A Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 12Page - NXP Semiconductors PCF8534A Datasheet HTML 13Page - NXP Semiconductors PCF8534A Datasheet HTML 14Page - NXP Semiconductors PCF8534A Datasheet HTML 15Page - NXP Semiconductors PCF8534A Datasheet HTML 16Page - NXP Semiconductors PCF8534A Datasheet HTML 17Page - NXP Semiconductors PCF8534A Datasheet HTML 18Page - NXP Semiconductors PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
16 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.4.4 1:4 Multiplex drive mode
When four backplanes are provided in the LCD, the 1:4 multiplex drive mode applies, as
shown in Figure 11.
Vstate1(t) = VSn(t)  VBP0(t).
Von(RMS) = 0.577VLCD.
Vstate2(t) = VSn(t)  VBP1(t).
Voff(RMS) = 0.333VLCD.
Fig 11. Waveforms for the 1:4 multiplex drive mode with 1⁄3 bias
013aaa211
state 1
BP0
(b) Resultant waveforms
at LCD segment.
LCD segments
state 2
BP1
state 1
state 2
BP2
(a) Waveforms at driver.
BP3
Sn
Sn+1
Sn+2
Sn+3
Tfr
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
VSS
VLCD
2VLCD/3
VLCD/3
0 V
VLCD
2VLCD/3
-2VLCD/3
VLCD/3
-VLCD/3
-VLCD
0 V
VLCD
2VLCD/3
-2VLCD/3
VLCD/3
-VLCD/3
-VLCD
VSS
VLCD
2VLCD/3
VLCD/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52