| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8534A Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534A Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 52 page ![]() PCF8534A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 25 July 2011 13 of 52 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 7.4.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCF8534A allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 8 and Figure 9. Vstate1(t) = VSn(t) VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) VBP1(t). Voff(RMS) = 0.354VLCD. Fig 8. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias 013aaa208 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD/2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD/2 VLCD/2 VLCD/2 −VLCD −VLCD −VLCD/2 −VLCD/2 Sn Sn+1 Tfr |