Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534A Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 3Page - NXP Semiconductors PCF8534A Datasheet HTML 4Page - NXP Semiconductors PCF8534A Datasheet HTML 5Page - NXP Semiconductors PCF8534A Datasheet HTML 6Page - NXP Semiconductors PCF8534A Datasheet HTML 7Page - NXP Semiconductors PCF8534A Datasheet HTML 8Page - NXP Semiconductors PCF8534A Datasheet HTML 9Page - NXP Semiconductors PCF8534A Datasheet HTML 10Page - NXP Semiconductors PCF8534A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
7 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.
Functional description
The PCF8534A is a versatile peripheral device designed to interface between any
microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 4). It
can directly drive any static or multiplexed LCD containing up to four backplanes and up to
60 segments.
The display configurations possible with the PCF8534A depend on the required number of
active backplane outputs. A selection of display configurations is given in Table 4.
All of the display configurations given in Table 4 can be implemented in a typical system
as shown in Figure 5.
[1]
7-segment display has eight elements including the decimal point.
[2]
14-segment display has 16 elements including decimal point and accent dot.
Fig 4.
Example of displays suitable for PCF8534A
Table 4.
Selection of possible display configurations
Number of
Backplanes
Icons
Digits/Characters
Dot matrix/
Elements
7-segment[1]
14-segment[2]
4
240
30
15
240 (4
 60)
3
180
22
11
180 (3
 60)
2
120
15
7
120 (2
 60)
160
7360 (1
 60)
7-segment with dot
14-segment with dot and accent
013aaa312
dot matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52