Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1889 Fiches technique(PDF) 11 Page - Integrated Circuit Systems

No de pièce ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Fiches technique(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
ICS1889
Link Status (bit 2)
When set to a logic one, this bit indicates that the Link
Monitor has established a valid link. If the Link Monitor
detects a link failure, this bit is set to a logic zero and remains
zero through the next read of the status register. A link failure
may be due to an error in the receive channel or an error in the
receive channel of the link partner (that is, a “remote fault”).
Jabber detect (bit 1)
This bit is permanently set to a logic zero.
Extended Capability (bit 0)
This bit is permanently set to a logic one indicating that the
ICS1889 has an extended register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35