Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1889 Fiches technique(PDF) 31 Page - Integrated Circuit Systems

No de pièce ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Fiches technique(HTML) 31 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems ICS1889 Datasheet HTML 29Page - Integrated Circuit Systems ICS1889 Datasheet HTML 30Page - Integrated Circuit Systems ICS1889 Datasheet HTML 31Page - Integrated Circuit Systems ICS1889 Datasheet HTML 32Page - Integrated Circuit Systems ICS1889 Datasheet HTML 33Page - Integrated Circuit Systems ICS1889 Datasheet HTML 34Page - Integrated Circuit Systems ICS1889 Datasheet HTML 35Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
31
ICS1889
MII — Receive Latency
*Note: The IEEE maximum is 23 bits.
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
1st bit of /J/ into TP_RX to /J/
on RXD (100M MII IF)
—
—
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35