Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC402S Fiches technique(PDF) 24 Page - 3M Electronics

No de pièce SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Fiches technique(HTML) 24 Page - 3M Electronics

Back Button SC402S Datasheet HTML 20Page - 3M Electronics SC402S Datasheet HTML 21Page - 3M Electronics SC402S Datasheet HTML 22Page - 3M Electronics SC402S Datasheet HTML 23Page - 3M Electronics SC402S Datasheet HTML 24Page - 3M Electronics SC402S Datasheet HTML 25Page - 3M Electronics SC402S Datasheet HTML 26Page - 3M Electronics SC402S Datasheet HTML 27Page - 3M Electronics SC402S Datasheet HTML 28Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
3M™ MicroTouch™ Controller RX142 Reference Guide
3M Touch Systems, Inc. Proprietary Information
Restore Defaults
Syntax:
<SOH>RD<CR>
Response:
<SOH>0<CR>
Positive response.
Description:
Returns to the factory default operating parameters. The Restore Defaults command
copies the 3M Touch Systems factory default parameters from ROM to the non-volatile
memory (NOVRAM) and then executes a Reset command.
The following table lists the factory defaults for the RX142 controller. The Restore
Defaults command is useful in situations where inadvertent commands to the controller
have rendered the sensor inoperative.
Table 6 RX142 Factory Default Settings
Operating Parameter
Default
Baud Rate
9600
Serial Communication Settings
N, 8, 1
Data Format
Format Tablet
Operating Mode
Mode Stream
Return to Factory Calibration
Yes
Note
: After you issue a Restore Defaults command, you must recalibrate your sensor.
Set Controller Number (a multi-step command)
Syntax:
<SOH>W002<CR>
Response:
<SOH>0<CR> Positive response
Syntax:
xxxxxxxx<CR> Where each x is a hexadecimal digit, most significant digit first
Response:
<SOH>0<CR> Positive response
Description:
This command is used to set a controller number for applications use. The controller does
not use this value. This is useful for identifying individual controllers in a multiple
controller system.
Unit Type
<SOH>UT<CR>
Responds with an 8-character identity string. This string identifies the type of controller
currently attached to the system, lists the features supported by the controller, and outputs
the status of the controller hardware (a self-test code).
Returns an identification code up to 8 ASCII characters in the following format:
<SOH>TtFfffSs<CR>
where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29