Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC402S Fiches technique(PDF) 13 Page - 3M Electronics

No de pièce SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Fiches technique(HTML) 13 Page - 3M Electronics

Back Button SC402S Datasheet HTML 9Page - 3M Electronics SC402S Datasheet HTML 10Page - 3M Electronics SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics SC402S Datasheet HTML 15Page - 3M Electronics SC402S Datasheet HTML 16Page - 3M Electronics SC402S Datasheet HTML 17Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
13
3M Touch Systems, Inc. Proprietary Information
1. Y-
2. X+
3. Y+
4. X-
Status Light (LED) Diagnostics
3M Touch Systems controllers are highly reliable units; however, there may be occasions
when the controller does not perform exactly as you expected. The RX142 controller
provides diagnostic feedback with a light emitting diode (LED) on the component side of
the board that indicates the status of the sensor unit. During normal operation, when you
touch the sensor the LED becomes bright as long as the controller detects a touch. A
flashing (or blinking) LED during power-up indicates the controller’s power-on self-test
failed. Refer to the following table for a description of each error code.
Table 2 LED Diagnostic Codes for RX142 Controllers
Flashes Self Test
Condition
Self Test
Bit
Description
What to do…
1
Reserved.
0
Reserved
2
ROM Error
1
Firmware EPROM
checksum
verification error
No recovery. Replace
the controller.
3
Reserved.
2
Reserved
4
Block 1
checksum
Error
3
Operating
parameters invalid
(using defaults).
Cycle power off and on.
5
Hardware
error
4
Power up sensor
connector voltages
out of range
Check connections to
sensor
6
Reserved.
5
Reserved
7
Reserved.
6
Reserved
Turning On Your System
Before you turn on your custom system, ensure that all cables are connected properly and
that the controller is properly mounted. Be sure to tighten all cable connector screws.
To start up your system
1. Turn on your monitor and computer.
2. Adjust the contrast and brightness to suit your personal preference and working
environment.
3. Adjust the horizontal and vertical position controls on the monitor to center the image
on the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29