Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC402S Fiches technique(PDF) 21 Page - 3M Electronics

No de pièce SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Fiches technique(HTML) 21 Page - 3M Electronics

Back Button SC402S Datasheet HTML 17Page - 3M Electronics SC402S Datasheet HTML 18Page - 3M Electronics SC402S Datasheet HTML 19Page - 3M Electronics SC402S Datasheet HTML 20Page - 3M Electronics SC402S Datasheet HTML 21Page - 3M Electronics SC402S Datasheet HTML 22Page - 3M Electronics SC402S Datasheet HTML 23Page - 3M Electronics SC402S Datasheet HTML 24Page - 3M Electronics SC402S Datasheet HTML 25Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
21
3M Touch Systems, Inc. Proprietary Information
Figure 2 Calibration Target Locations
Enter Sleep
Syntax:
<SOH>ES<CR>
Response:
<SOH>0<CR>
Positive response.
Description:
This command is a power management feature that lets you put the controller into a low
power mode (4-5 mA) when not in use. Send this command to put the controller in a low
power state. The controller returns to a normal power level on touch. If you need to send
a command to the controller when it is in a low power state, first raise CTS.
Format Tablet
Syntax:
<SOH>FT<CR>
Response:
<SOH>0<CR>
Positive response.
The controller will respond with ACK for compatibility with older controllers. This
format is the only format supported by this controller.
With the controller in Format Tablet mode, touching the sensor causes the controller to
return a response in the following format:
SXxYy
S
= Status byte, first byte of data. Refer to Table 4.
Xx
= X (horizontal) coordinate data; second and third bytes of data.
Yy
= Y (vertical) coordinate data; fourth and fifth bytes of data.
Description:
Outputs the X/Y touch coordinate data in a 5-byte packet. The packet includes 1 status
byte and 4 bytes of binary X/Y coordinate data. The protocol also establishes the X and Y
coordinate output as 14 binary bits providing a range of 0 to 16,383.
Upper Right Calibration Target
X = 1023 – (1024 x 1/8) = 1023 – 128 = 895
Y = 0 + (768 x 1/8) = 0 + 96 = 96
Lower Left Calibration Target
X = 0 + (1024 x 1/8) = 0 + 128 = 128
Y = 767 - (768 x 1/8) = 767 - 96 = 671
(0, 0) [0, 1024]*
(0, 767) [0, 0]*
(1023, 0) [1024, 1024]*
(128, 671)
(895, 96)
[1024, 0]*
* The coordinates are in video terms, with the origin (0, 0) in the upper left corner of the sensor. Examples
from the controller’s perspective however, place the origin at the lower left corner of the sensor (numbers
in brackets). The controller outputs 0 to 1024 for both axes, regardless of display resolution.
(128, 96)
Upper Left Calibration Target
X = 1024 x 1/8 = 128
Y = 768 x 1/8) = 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29