| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9480 Fiches technique(PDF) 53 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9480 Fiches technique(HTML) 53 Page - Holtek Semiconductor Inc |
|
53 / 57 page ![]() SDZA [m] Decrement data memory-place result in ACC, skip if zero Description The contents of the specified data memory are decremented by one. If the result is zero, the next instruction is skipped. The result is stored in the accumulator but the data memory remains unchanged. If the result is zero, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction, that makes a 2 cycle instruction. Otherwise proceed with the next instruction. Operation Skip if ([m]–1)=0, ACC ← ([m]–1) Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– SET [m] Set data memory Description Each bit of the specified data memory is set to one Operation [m] ← FFH Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– SET [m].i Set bit of data memory Description Bit i of the specified data memory is set to one Operation [m].i ← 1 Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– SIZ [m] Skip if increment data memory is zero Description The contents of the specified data memory is incremented by one. If the result is zero, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction. This is a 2-cycle instruction. Otherwise proceed with the next instruction. Operation Skip if ([m]+1)=0, [m] ← ([m]+1) Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– HT9480 53 23th Feb ’98 |