Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT9480 Fiches technique(PDF) 11 Page - Holtek Semiconductor Inc

No de pièce HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Fiches technique(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
ters are from 20H to 3FH, where each bank
points to the same location. The other spaces,
namely 0CH, 0FH, 13H, the high nibble of 16H,
17H, and 18H~1CH, are all reserved for future
expansion usage; reading these locations will
get an “00H” value.
On the other hand, the general purpose data
memory, divided into three banks (bank 0, bank
1, and bank 27), is used for data, control infor-
mation, and LCD display control under instruc-
tion commands. The banks in the RAM are all
addressed from 40H to FFH, and are selected by
setting the value (“00H”: bank 0; “01H”: bank 1;
“1BH”: bank 27) of the bank pointer (BP;04H).
The bank27 memory is used for LCD display
mapping and the decoder configuration RAM
mapping. The spaces from 4FH to BFH and
from E3H to FFH, and the high nibble part from
C0H to E2H in bank 27 are all reserved for
future expansion usage; reading these locations
will derive “00H”.
The special registers, global data registers and
general data memory can directly perform
arithmetic, logic, increment, decrement, and ro-
tate operations. Each bit in the RAM can be set
and reset by “SET [m].i” and “CLR [m].i”, and
can also be indirectly accessible through the
memory pointer registers (MP0;01H, MP1;03H).
Of the special addresses, 1DH and 1FH cannot
directly do all these operations, because they
are not read and write accessible addresses.
1DH is a write-only address, 1FH a read-only
address, but these two addresses namely, 1DH
and 1FH can only perform operations by using
the “MOV” instruction.
Indirect addressing register
IARx (IAR0;00H, IAR1;02H) are indirect ad-
dress registers that are not physically imple-
mented. Any read/write operation of the IARx
accesses the data memory pointed to by MPx
(MP0;01H, MP1;03H). Reading the indirect ad-
dressing register itself will indirectly derive
00H, while writing the indirect addressing reg-
ister indirectly will lead to no operations. (IAR0,
MP0) is indirectly addressable in bank 0, but
(IAR1, MP1) is available for all banks.
Accumulator – ACC
The accumulator (ACC) relates to the ALU opera-
tions. It is also mapped to location 05H of the data
memory and is capable of carrying out immediate
data operations. Data movement between these
two data memories has to pass through the ACC.
Arithmetic and logic unit – ALU
This circuit performs 8-bit arithmetic and logic
operations, and provides the following functions:
• Arithmetic operation (ADD, ADC, SUB, SBC, DAA)
• Logic operation (AND, OR, XOR, CPL)
• Rotation (RL, RR, RLC, RRC)
• Increment and decrement (INC, DEC)
• Branch decision (SZ, SNZ, SIZ, SDZ, etc.)
The ALU not only saves the results of data
operation, but also changes the contents of the
status register.
Status register – STATUS
The status register (0AH) is 8-bit wide. It contains
a zero flag (Z), a carry flag (C), an auxiliary carry
flag (AC), an overflow flag (OV), a powerdown flag
(PD), and a WDT time-out flag (TO). The status
register not only records the status information,
but also controls the operation sequence.
The status register, like most other registers,
can be altered by instructions except for the TO
and PD flags. Any data written into the status
register will not change TO or PD. It should be
noted that operations related to the status reg-
ister may derive different results from those
intended. For example, clearing the status reg-
ister CLR [0AH] has no effect on the TO and PD
flags, and the value of the zero flag is also “1”,
i.e., UU0100 is the data in the register, where
the value of U is an unchanged value.
The Z, OV, AC, and C flags generally reflect the
status of the latest operations.
On entering an interrupt sequence or executing
a subroutine call, the status register will not be
automatically pushed onto the stack. If the con-
tents of the status is important, and if the sub-
routine may corrupt the status register, the
programmer should take precautions to save it
properly.
HT9480
11
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57