| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9480 Fiches technique(PDF) 47 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9480 Fiches technique(HTML) 47 Page - Holtek Semiconductor Inc |
|
47 / 57 page ![]() JMP addr Direct Jump Description Bits 0~11 of the program counter are replaced with the directly–specified address unconditionally, and control passed to this destination. Operation PC ← addr Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– MOV A,[m] Move data memory to accumulator Description The contents of the specified data memory is copied to the accumulator. Operation ACC ← [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– MOV A,x Move immediate data to accumulator Description The 8–bit data specified by the code is loaded into the accumulator. Operation ACC ← x Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– MOV [m],A Move accumulator to data memory Description The contents of the accumulator is copied to the specified data memory (one of the data memories). Operation [m] ← ACC Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– NOP No operation Description No operation is performed. Execution continues with the next instruction. Operation PC ← PC+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– HT9480 47 23th Feb ’98 |