Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22804 Fiches technique(PDF) 37 Page - List of Unclassifed Manufacturers

No de pièce ML22804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML22804 Fiches technique(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ML22804 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
Power Supply Wiring
The power supplies of this LSI are divided into the following three:
• Digital power supply (DV
DD)
• ROM power supply (PV
DD)
• Analog power supply (AV
DD)
As shown in the figure below, supply DVDD, PVDD, and AVDD from the same power supply, and separate them
into analog and digital power supplies in the wiring.
When power supply voltage = 3 V
DVDD
AVDD
DGND
AGND
3 V
ML22808/ML22804/ML22802-XXX/
ML22P808/ML22P804/ML22P802-XXX
PVDD
PGND
37/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41