Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22804 Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers

No de pièce ML22804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML22804 Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ML22804 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22804 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
• Playback Timing by the PLAY Command
VOH
VOL
tBSY
CS
Status
Command is being processed
Playing
SCK
DI
NCR
BUSY
Command standby
AOUT
1V
VOH
VOL
Address is being
controlled
tNCR1
tNCR2
Awaiting command
Awaiting command
(*1)
PLAY command
1
st byte
PLAY command
2
nd byte
SEL1
SEL0
tSB
tBS
Note:
Length of a “L” interval of
BUSY is = t
NCR2 + voice reproduction time length.
• Playback Stop Timing
VOH
VOL
CS
Status
Awaiting command
SCK
DI
NCR
BUSY
AOUT
1V
VOH
VOL
tNCR1
Playing
STOP command
Command is being processed
17/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41