| Moteur de recherche de fiches techniques de composants électroniques |
|
TO-252D Fiches technique(PDF) 8 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
TO-252D Fiches technique(HTML) 8 Page - Littelfuse |
|
8 / 8 page ![]() Packing Options Data Sheets http://www.littelfuse.com M3 - 8 2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Compak Embossed Carrier Reel Pack (RP) Meets all EIA-481-1 Standards DO-15X and DO-35 Reel Pack (RP) Meets all EIA RS-296 Standards 8.0 Anode / MT2 Cathode / MT1 Gate 0.47 (12.0) 0.36 (9.2) 0.315 (8.0) 0.157 (4.0) 0.49 (12.4) 0.512 (13.0) Arbor Hole Dia. 12.99 (330.0) Dimensions are in inches (and millimeters). Direction of Feed 0.059 DIA (1.5) Cover tape 3.15 (80.0) TYP DO-15X DO-35 Dimensions are in inches (and millimeters). Direction of Feed 0.252 (6.4) 0.898 (22.8) 0.197 (5.0) 2.063 (52.4) 10.0 - 14.0 (254.0 - 356.0) 0.252 (6.4) 0.956 (24.3) 0.197 (5.0) 2.063 (52.4) |