Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO-252D Fiches technique(PDF) 5 Page - Littelfuse

No de pièce TO-252D
Description  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-252D Fiches technique(HTML) 5 Page - Littelfuse

  TO-252D Datasheet HTML 1Page - Littelfuse TO-252D Datasheet HTML 2Page - Littelfuse TO-252D Datasheet HTML 3Page - Littelfuse TO-252D Datasheet HTML 4Page - Littelfuse TO-252D Datasheet HTML 5Page - Littelfuse TO-252D Datasheet HTML 6Page - Littelfuse TO-252D Datasheet HTML 7Page - Littelfuse TO-252D Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheets
Packing Options
2004 Littelfuse, Inc.
M3 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
TO-92 Type 70 Ammo Pack (AP) Radial Leaded
Meets all EIA-468-B 1994 Standards
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.85
(47.0)
13.3
(338.0)
12.2
(310.0)
1.85
(47.0)
0.157
DIA
(4.0)



Html Pages

1 2 3 4 5 6 7 8