Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO-252D Fiches technique(PDF) 2 Page - Littelfuse

No de pièce TO-252D
Description  Sample Instructions for Choosing a Packing Option
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-252D Fiches technique(HTML) 2 Page - Littelfuse

  TO-252D Datasheet HTML 1Page - Littelfuse TO-252D Datasheet HTML 2Page - Littelfuse TO-252D Datasheet HTML 3Page - Littelfuse TO-252D Datasheet HTML 4Page - Littelfuse TO-252D Datasheet HTML 5Page - Littelfuse TO-252D Datasheet HTML 6Page - Littelfuse TO-252D Datasheet HTML 7Page - Littelfuse TO-252D Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 2
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Package Type and Packing Options
Package Type
Package Code
Packing Options
Bulk Pack
Reel Pack
(RP)
Ammo Pack
(AP)
Tube Pack
(TP)
Embossed Carrier
(RP)
TO-92
E
2,000
2,000
2,000
Contact factory
for availability
Only
Type 73
TO-220
L, R
500
n/a
n/a
50
Only
Type 67 and 68
TO-202
F
500
700 (Type 2)
n/a
50
Only
Type 43
TO-218
K, J, M, W
250
n/a
n/a
Contact factory
for availability
n/a
Fastpak
P
160
n/a
n/a
n/a
n/a
TO-251 V-Pak
V
1,000
Contact factory
for availability
n/a
75
n/a
TO-252 D-Pak
D
n/a
n/a
n/a
75
2500
TO-263 D2Pak
N
n/a
n/a
n/a
50
500
DO-214
S
1,000
n/a
n/a
n/a
2500
Compak
C
1,000
n/a
n/a
n/a
2500
DO-35
Y
10,000
Minimum order
of 5,000
available
5,000
n/a
n/a
n/a
DO-15X
G
1,000
5,000
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8