Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5247 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Fiches technique(HTML) 29 Page - ams AG

Back Button AS5247 Datasheet HTML 25Page - ams AG AS5247 Datasheet HTML 26Page - ams AG AS5247 Datasheet HTML 27Page - ams AG AS5247 Datasheet HTML 28Page - ams AG AS5247 Datasheet HTML 29Page - ams AG AS5247 Datasheet HTML 30Page - ams AG AS5247 Datasheet HTML 31Page - ams AG AS5247 Datasheet HTML 32Page - ams AG AS5247 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 29
Pa c k a g e D r a w i n g s & M a r k i n g s
1. Dimensions & Tolerancing conform to ASME Y14.5M-1994.
2. All Dimensions are in millimeters (angles in degrees).
3. Bilateral coplanarity zone applies to the exposed pad as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Figure 39:
Packaging Code
Figure 40:
Package Marking
YY
WW
I
ZZ
@
Last two digits of the
current year
Manufacturing week
Plant identifier
Free choice /
traceability code
Sublot identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37