| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5247 Fiches technique(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5247 Fiches technique(HTML) 2 Page - ams AG |
|
2 / 37 page ![]() AS5247 – 2 ams Datasheet: 2014-Jun-20 [v1-02] G e n e ral D e sc rip t ion Applications The AS5247 has been designed to support BLDC motor commutation for the most challenging and safety-critical automotive applications (AEC-Q100 grade 0 automotive qualified) such as electric power steering (EPS), transmission (gearbox, actuator), brake (actuator) and starter & alternator. Block Diagram The functional blocks of this device for reference are shown below: Figure 2: AS5247 Block Diagram Versatile choice of the interface Independent output interfaces: SPI, ABI, UVW, PWM No programmer needed (via SPI command) Zero position, configuration programmable Supports safety-critical applications Self-Diagnostics & redundancy Lower system costs (no shielding) Immune to external stray field Benefits Features VDD3V3_T A/D Volatile Memory SPI LDO AS5247 VDD_T GND_T CSn_T MOSI_T SCL_T MISO_T I_T/PWM_T A_T B_T W_T / PWM_T U_T V_T Analog Front-End ATAN (CORDIC) AGC OTP INTERPOLATOR Hall Sensors PWM Decoder Selectable On I or W ABI Dynamic Angle Error Compensation W_B / PWM_B U_B V_B I_B/PWM_B A_B B_B CSn_B MOSI_B SCL_B MISO_B UWV GND_B VDD_B VDD3V3_B |