Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9685 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce 9685
Description  Its a complete tool kit that fits in your palm.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9685 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9685 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SoHo Cable-Check™ quickly and easily tests RJ45 and cable TV “F” smart home
installations. It works on installed cable runs and patch cords to test continuity and
identify good connections, open and shorts. Includes patch cords, 75-ohm male “F”
terminator, “F” female adapter, battery and carrying case.
P/N 1578
1578
Data/Link ID and Cable-Check™ is a multi-
purpose continuity tester and network identifier.
Cable-Check maps cable for both data and
telephone connection schemes.
The Data/Link ID identifies
data and link transmission
speeds along with PC and
Hub transmissions and link
pulses. Carrying case, patch
cords and batteries included.
P/N 1576
Test
PC Cable-Check™ Pro – This powerful troubleshooting tool maps
the pin-out, detects good connections and any opens, shorts or crosses
in the cable. It now tests over 20 different patch cables including: LAN
& telephone, Serial, coax, USB, VGA, Mini-USB, S-video, FireWire, PS/2
keyboard and parallel printer. It now features auto test or manual
modes and auto-off to extend the battery life. The case is more
rugged, has a built-in handle for easy transport and includes rubber
feet to grip to desk or bench to prevent slipping. 9V battery included.
P/N 1577
1576
1577
1573
Tone Generator and Tone Probe Plus Cable-Check™ is a combination
RJ45 LAN tester and tone generator and tone probe cable tracer. It maps the
cable and identifies connector and cable pin-out. The unit also provides full-
range continuity testing, line condition, signal tracing and wire identification.
Carrying case and patch cords included.
P/N 1573
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16