| Moteur de recherche de fiches techniques de composants électroniques |
|
9685 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
9685 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 16 page ![]() Connectors and Accessories We now offer a full-line of modular plug connectors and coaxial cable connectors. The SealTite® line of compression connectors has been broadened to include RCA and BNC along with the cable TV “F”-style. Connectors are available in con- venient retail packs of 10, 50 or larger bulk quantities. Visit our website for a complete listing of connectors available. Connector Style Cable Type 10 Pack 50 Pack Clamshell Clamshell Modular Plugs Connector Style Cable Type 10 Pack 50 Pack Clamshell Jar Quickly and easily make connections using compression connectors. SealTite® connectors feature a patented design with 360º cable gripping sleeve and watertight “O-ring”. Solid brass with nickel plating. RCA and BNC connectors have full gold contacts for low signal loss and include slip-on color bands for easy cable identification. Sealtite® Compression Connectors RJ45 RJ11 14 RJ45 Cat5e, solid or stranded – 9546 9655 Round, flat or oval RJ11 Solid or stranded – 9520 9654 Round, flat or oval Cable TV “F” RG59 9642 9645 RG6 & RG6 Quad 9643 9646 RG6 Quad 9644 9647 BNC RG59 9648 9664 RG6 & RG6 Quad 9652 9665 RCA RG59 9653 9662 RG6 & RG6 Quad 9649 9663 |