Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9685 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce 9685
Description  Its a complete tool kit that fits in your palm.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9685 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 9685 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9685 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FIBERFISH
LAN ProNavigator® is a network data and coaxial continuity tester with
test results at both ends. Simple PASS/FAIL test results in one second!
Identify opens, shorts, crosses and split pairs with Fault Check function.
Generates oscillating tone to trace wires with your speaker probe. Auto-off
to conserve battery power. 9V battery, belt clips and patch cords included.
P/N 1543
1543
FIBERFISH are non-conductive 3/16” fiberglass rods available in 3’ or 6’ sections. The rods screw
together to make longer lengths for fishing wire in existing walls, attics or across drop ceilings and
under carpet. Each kit includes a bullnose tip - other attachments available separately.
Easy to use for beginners or professionals.
P/N 1752 6’ Rod Kit (5 rods)
P/N 1765 3’ Rod Kit (8 rods)
1765
FiberSnake is designed specifically for use in conduit and is made from fiber-
glass reinforced composite core with rugged plastic coating. Bull nose at each
end so wires can be pulled from either direction. 25’ & 40’ models contained in
PVC storage case. 100’ model comes in steel cage with hand operated brake.
P/N 1753 - 25’ FiberSnake
P/N 1754 - 40’ FiberSnake
P/N 1755 - 100’ FiberSnake
1753
LAN ProNavigator® Kit also includes coax patch cords,
adapters and coupler in a blow-mold case complete with
form-fitting foam.
P/N 901066
901066
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16