Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3554 Fiches technique(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Fiches technique(HTML) 26 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
STROBE
TX1/TORCH
Timeout
Duration
Configuration Register 1 bit 7 (TX1/TORCH) = 1
(TX1/TORCH pin is a hardware torch input)
I
FLASH
I
TORCH
ILED
STROBE
TX1/TORCH
Timeout
Duration
Configuration Register 2 bit [2] = 1 (AET)
(STROBE goes high before TX1)
ITORCH
I
FLASH
ILED
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Figure 14. Alternative External Torch Mode (STROBE Goes High Before TX1/TORCH, Same as Default
with SEM = 0)
Figure 15. TX1/TORCH Configured as a Hardware Torch input
FLAGS REGISTER AND FAULT INDICATORS
The Flags Register (0xD0) contains the Interrupt and Fault indicators. Five fault flags are available in the
LM3554. These include a Thermal Shutdown, an LED Failure Flag (LEDF) , a Timeout indicator Flag (TO), a
LED Thermal Flag (NTC), and a VIN Monitor Flag. Additionally, two interrupt flag bits TX interrupt and TX2
interrupt indicate a change of state of the TX1/TORCH pin (TX1 mode) and ENVM/TX2 pin (TX2 mode). Reading
back a "1" indicates the TX lines have changed state since the last read of the Flags Register. A read of the
Flags Register resets these bits.
Thermal Shutdown
When the LM3554’s die temperature reaches +150°C the boost converter shuts down, and the NFET and PFET
turn off. Additionally, all three current sources (LED1, LED2, and LEDI) turn off. When the thermal shutdown
threshold is tripped a (1) gets written to bit [1] of the Flag Register (Thermal Shutdown bit). The LM3554 will start
up again when the die temperature falls to below +135°C.
During heavy load conditions when the internal power dissipation in the device causes thermal shutdown, the
part will turn off and start up again after the die temperature cools. This will result in a pulsed on/off operation.
The OVT bit however will only get written once. To reset the OVT bit pull HWEN low, power down the LM3554,
or read the Flags Register.
LED Fault
The LED Fault flag (bit 2 of the Flags Register) reads back a (1) if the part is active in Flash or Torch mode and
either LED1 or LED2 experience an open or short condition. An LED open condition is signaled if the OVP
threshold is crossed at OUT while the device is in Flash or Torch mode. An LED short condition is signaled if the
voltage at LED1 or LED2 goes below 500mV while the device is in Torch or Flash mode.
26
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com