Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MHSC06022-2R2M-R8 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MHSC06022-2R2M-R8
Description  Molding Power Choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC06022-2R2M-R8 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MHSC06022-2R2M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Molding Power Choke – MHSC Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHSC06036-R82M-R8
0.82
20
100
14
20
6.8
MHSC06036-1R0M-R8
1.0
20
100
12
19
8.2
MHSC06036-2R2M-R8
2.2
20
100
9.5
14
14.5
MHSC06036-6R8M-R8
6.8
20
100
5.5
7
44.5
MHSC06036-100M-R8
10
20
100
4.5
6.5
66
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
DC Current (A)
R82
1R0
2R2
6R8
100
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
0
5
10
15
20
25
DC Current (A)
R82
1R0
2R2
6R8
100



Html Pages

1 2 3 4 5 6