Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MHSC06022-2R2M-R8 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce MHSC06022-2R2M-R8
Description  Molding Power Choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC06022-2R2M-R8 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  MHSC06022-2R2M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC06022-2R2M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Molding Power Choke – MHSC Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHSC04020-R33M-R8
0.33
20
100
8.5
16
10
MHSC04020-R47M-R8
0.47
20
100
8
14
11
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
DC Current (A)
R33
R47
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
DC Current (A)
R33
R47



Html Pages

1 2 3 4 5 6