| Moteur de recherche de fiches techniques de composants électroniques |
|
MHSC06022-2R2M-R8 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHSC06022-2R2M-R8 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 6 page ![]() Molding Power Choke – MHSC Series MHSC Series MHSC series is designed for low profile type with low DCR and ultra large current, especially for height limited boards. Its molded magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto board. This series also provides customers with embossed carrier type packaging for automatic mounting machine. Features Applications RoHS compliant Ultra low profile on board Shielded construction Ultra low buzz noise due to molding construction High density DC/DC converter in height limited board POL converters High current VRM/VDR for notebook / server / desktop CPU High current DC/DC converter in distributed power system High speed charger Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B C D E F 04020 4.2±0.2 2.0 +0.2 -0.3 1.5±0.2 1.2±0.3 1.2 1.0 06022 6.6±0.2 2.2 +0.2 -0.3 3.0±0.2 1.5±0.3 1.4 1.0 06036 6.6±0.2 3.6 +0.2 -0.3 3.0±0.2 1.5±0.3 2.3 1.5 08036 8.0±0.2 3.6 +0.2 -0.3 6.0±0.2 2.0±0.3 2.3 1.3±0.2 Dimensions in mm TYPE A B C D 04020 2.0 6.5 1.8 4.5 06022 3.5 9.5 2.2 6.9 06036 3.5 9.5 2.2 6.9 08036 6.0 11.9 3.0 8.4 |
Numéro de pièce similaire - MHSC06022-2R2M-R8 |
|
Description similaire - MHSC06022-2R2M-R8 |