| Moteur de recherche de fiches techniques de composants électroniques |
|
EM73880 Fiches technique(PDF) 39 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73880 Fiches technique(HTML) 39 Page - ELAN Microelectronics Corp |
|
39 / 40 page ![]() 39 * This specification are subject to be changed without notice. EM73880 EM73880 EM73880 EM73880 EM73880 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 11.30.2001 Preliminary Preliminary Preliminary Preliminary Preliminary TGS 0101 0100 SF ←GF 1 1 - - * TTCFS 0101 0010 SF ←CF, CF←11 1 1 - * TZS 0101 1011 SF ←ZF 1 1 - - * (12) Interrupt control (12) Interrupt control (12) Interrupt control (12) Interrupt control (12) Interrupt control Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S CIL r 0110 0011 11rr rrrr IL ←IL & r 2 2 - - 1 DICIL r 0110 0011 10rr rrrr EIF ←0,IL←IL&r 2 2 - - 1 EICIL r 0110 0011 01rr rrrr EIF ←1,IL←IL&r 2 2 - - 1 EXAE 0111 0101 MASK ↔Acc 1 1 - - 1 RTI 0100 1101 SP ←SP+1,FLAG.PC 1 2 * * * ←STACK[SP],EIF ←1 (13) CPU control (13) CPU control (13) CPU control (13) CPU control (13) CPU control Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S NOP 0101 0110 no operation 1 1 - - - (14) Timer/Counter & Data pointer & Stack pointer control (14) Timer/Counter & Data pointer & Stack pointer control (14) Timer/Counter & Data pointer & Stack pointer control (14) Timer/Counter & Data pointer & Stack pointer control (14) Timer/Counter & Data pointer & Stack pointer control Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S LDADPL 0110 1010 1111 1100 Acc ←[DP] L 22 - Z 1 LDADPM 0101 0110 1111 1101 Acc ←[DP] M 22 - Z 1 LDADPH 0101 0110 1111 1110 Acc ←[DP] H 22 - Z 1 LDASP 0101 0110 1111 1111 Acc ←SP 2 2 - Z 1 LDATAL 0110 1010 1111 0100 Acc ←[TA] L 22 - Z 1 LDATAM 0101 0110 1111 0101 Acc ←[TA] M 22 - Z 1 LDATAH 0101 0110 1111 0110 Acc ←[TA] H 22 - Z 1 LDATBL 0110 1010 1111 1000 Acc ←[TB] L 22 - Z 1 LDATBM 0101 0110 1111 1001 Acc ←[TB] M 22 - Z 1 LDATBH 0101 0110 1111 1010 Acc ←[TB] H 22 - Z 1 STADPL 0110 1001 1111 1100 [DP] L←Acc 2 2 - - 1 STADPM 0110 1001 1111 1101 [DP] M←Acc 2 2 - - 1 STADPH 0110 1001 1111 1110 [DP] H←Acc 2 2 - - 1 STASP 0110 1001 1111 1111 SP ←Acc 2 2 - - 1 STATAL 0110 1001 1111 0100 [TA] L←Acc 2 2 - - 1 STATAM 0110 1001 1111 0101 [TA] M←Acc 2 2 - - 1 STATAH 0110 1001 1111 0110 [TA] H←Acc 2 2 - - 1 STATBL 0110 1001 1111 1000 [ TB] L←Acc 2 2 - - 1 STATBM 0110 1001 1111 1001 [TB] M←Acc 2 2 - - 1 STATBH 0110 1001 1111 1010 [TB] H←Acc 2 2 - - 1 |