| Moteur de recherche de fiches techniques de composants électroniques |
|
EM73880 Fiches technique(PDF) 37 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73880 Fiches technique(HTML) 37 Page - ELAN Microelectronics Corp |
|
37 / 40 page ![]() 37 * This specification are subject to be changed without notice. EM73880 EM73880 EM73880 EM73880 EM73880 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 11.30.2001 Preliminary Preliminary Preliminary Preliminary Preliminary INCL 0111 1110 LR ←LR + 1 1 1 - Z C' INCM 0101 1111 RAM[HL] ←RAM[HL]+1 1 1 - Z C' SUBA #k 0110 1110 0111 kkkk Acc ←k-Acc 2 2 - Z C SBCAM 0111 0010 Acc ←RAM[HLl - Acc - CF' 1 1 C Z C SUBM #k 0110 1110 1111 kkkk RAM[HL] ←k - RAM[HL] 2 2 - Z C (((((4) Logical operation 4) Logical operation 4) Logical operation 4) Logical operation 4) Logical operation Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S ANDA #k 0110 1110 0110 kkkk Acc ←Acc&k 2 2 - Z Z' ANDAM 0111 1011 Acc ←Acc & RAM[HL] 1 1 - Z Z' ANDM #k 0110 1110 1110 kkkk RAM[HL] ←RAM[HL]&k 2 2 - Z Z' ORA #k 0110 1110 0100 kkkk Acc ←Acc k 2 2 - Z Z' ORAM 0111 1000 Acc ←Acc RAM[HL] 1 1 - Z Z' ORM #k 0110 1110 1100 kkkk RAM[HL] ←RAM[HL] k 2 2 - Z Z' XORAM 0111 1001 Acc ←Acc^RAM[HL] 1 1 - Z Z' (5) Exchange (5) Exchange (5) Exchange (5) Exchange (5) Exchange Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S EXA x 0110 1000 xxxx xxxx Acc ↔RAM[x] 2 2 - Z 1 EXAH 0110 0110 Acc ↔HR 1 2 - Z 1 EXAL 0110 0100 Acc ↔LR 1 2 - Z 1 EXAM 0101 1000 Acc ↔RAM[HL] 1 1 - Z 1 EXHL x 0100 1100 xxxx xx00 LR ↔RAM[x], HR ↔RAM[x+1] 2 2 - - 1 (6) Branch (6) Branch (6) Branch (6) Branch (6) Branch Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S SBR a 00aa aaaa If SF=1 then PC ←PC 11-6.a5-0 11 - - 1 else null LBR a 1100 aaaa aaaa aaaa If SF= 1 then PC ←a else null 2 2 - - 1 (7) Compare (7) Compare (7) Compare (7) Compare (7) Compare Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Mnemonic Object code ( binary ) Operation description Operation description Operation description Operation description Operation description Byte Byte Byte Byte Byte Cycle Cycle Cycle Cycle Cycle Flag Flag Flag Flag Flag C C C C C Z Z Z Z Z S S S S S CMP #k,y 0100 1011 kkkk yyyy k-RAM[y] 2 2 C Z Z' CMPA x 0110 1011 xxxx xxxx RAM[x]-Acc 2 2 C Z Z' CMPAM 0111 0011 RAM[HL] - Acc 1 1 C Z Z' CMPH #k 0110 1110 1011 kkkk k - HR 2 2 - Z C CMPIA #k 1011 kkkk k - Acc 1 1 C Z Z' CMPL #k 0110 1110 0011 kkkk k-LR 2 2 - Z C |