Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73880 Fiches technique(PDF) 34 Page - ELAN Microelectronics Corp

No de pièce EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Fiches technique(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Pad No.
Pad No.
Pad No.
Pad No.
Pad No.
Symbol
Symbol
Symbol
Symbol
Symbol
X
X
X
X
X
Y
Y
Y
Y
Y
1
COM3
357.5
1322.4
2
COM2
237.0
1322.4
3
COM1
82.4
1322.4
4
COM0
-38.2
1322.4
5
VB
-192.8
1322.4
6
VA
-313.4
1322.4
7
V3
-468.0
1322.4
8
V2
-588.5
1322.4
9
V1
-743.2
1322.4
10
11
VSS
-934.0
1294.8
12
LXOUT
-1079.9
1019.3
13
LXIN
-1079.9
898.8
14
VDD
-1055.5
745.5
15
P4.3
-1078.5
526.5
16
P4.2
-1078.5
404.4
17
P4.1
-1078.5
282.2
18
P4.0
-1078.5
160.1
19
BZ1
-1091.5
-67.4
20
BZ2
-1091.5
-424.5
21
VDD2
-1094.9
-666.2
22
P8.3
-1074.7
-902.5
23
P8.2
-1074.7
-1024.7
24
P8.1
-1074.7
-1146.8
25
P8.0
-1074.7
-1267.3
26
27
28
/RESET
-812.3
-1327.4
29
CLK
-654.9
-1327.4
30
TEST
-487.7
-1327.4
31
P0.3
-322.5
-1327.4
32
P0.2
-154.2
-1327.4
33
P0.1
15.9
-1327.4
34
P0.0
184.3
-1327.4
35
SEG31
346.6
-1327.4
36
SEG30
467.2
-1327.4
37
SEG29
621.8
-1327.4
38
SEG28
742.4
-1327.4
39
SEG27
897.0
-1327.4
40
SEG26
1085.0
-1329.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40