Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73866 Fiches technique(PDF) 13 Page - ELAN Microelectronics Corp

No de pièce EM73866
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73866 Fiches technique(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73866 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
* This specification are subject to be changed without notice.
EM73866
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.29.1999
HL REGISTER FUNCTION
(1) For instruction : LDL #k, LDH #k, THA, THL, INCL, DECL, EXAL, EXAH, HL register used as a
temporary register.
PROGRAM EXAMPLE: Load immediate data "5h" into L register, "Dh" into H register.
LDL #05h;
LDH #0Dh;
(2) For instruction LDAM, STAM, STAMI.., HL register used as a pointer for the address of RAM memory.
PROGRAM EXAMPLE: Store immediate data #Ah into RAM of address 35h.
LDL #5h;
LDH #3h;
STDMI #0Ah; RAM[35] ← Ah
(3) For instruction : SELP, CLPL, TFPL, L regieter be a pointer to indicate the bit of I/O port.
When LR = 0 indicate P4.0
PROGRAM EXAMPLE: To set bit 0 of Port4 to "1"
LDL #00h;
SEPL ; P4.0 ← 1
STACK POINTER (SP)
Stack pointer is a 4-bit register which stores the present stack level number.
Before using stack, user must set the SP value first, CPU will not initiate the SP value after reset condition.
When a new subroutine is accepted, the SP will be decreased one automatically, in another word, if
returning from a subroutine, the SP will be increased one.
The data transfer between ACC and SP is by instruction of "LDASP" and "STASP". When "LDASP" and
"STASP" are used, Port 9.3 must be set to 0.
DATA POINTER (DP)
Data pointer is a 12-bit register which stores the address of ROM can indicate the ROM code data
specified by user (refer to data ROM).
When "LDADPL", "LDADPM" and "LDADPH" are used, Port 9.3 must be set to 0.
CLOCK AND TIMING GENERATOR
The clock generator is supported by a dual clock system, the clock source comes from crystal (resonator)
or RC oscillation for both high or low frequency osc. are decided by mask option.
CLOCK GENERATOR STRUCTURE
There are two clock generator for system clock control. P14 is the status register for the CPU status. P16,
P19 and P22 are the system clock mode control ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com