Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73866 Fiches technique(PDF) 7 Page - ELAN Microelectronics Corp

No de pièce EM73866
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73866 Fiches technique(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM73866 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
* This specification are subject to be changed without notice.
EM73866
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.29.1999
P9.3
instruction field
RAM address
xxxx xxxx
xxxx xxxx
0
instruction field
RAM address
yyyy
0000 yyyy
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "023h".
SEP
P9,3
; P9.3← 1
LDA
43h
; Acc← RAM[143h]
CLP
P9,3
; P9.3← 0
STA
23h
; RAM[023h]← Acc
(3) Zero-page addressing mode:
The address is the lower 4 bits code of the second byte in the instruction field.This kind of instructions are
only available for the zero page. Area in bank0, even the P9.3 is set.
PROGRAM EXAMPLE: Write immediate "0Fh" to RAM address "005h".
STD
#0Fh, 05h
; RAM[05h]← 0Fh
The bank is selected by P9.3. When P9.3 is cleared to "0", the bank 0 is selected. When P9.3 is set to "1", the bank
1 is selected.
There are 3 addressing mode to access the data memory, namely -
(1) Indirect addressing mode:
The address in the certain bank is specified by the HL registers.
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "032h".
SEP
P9,3
; P9.3← 1
LDL
#3h
; LR← 3
LDH
#4h
; HR← 4
LDAM
; Acc← RAM[143h]
CLP
P9,3
; P9.3← 0
LDL
#2h
; LR← 2
LDH
#3h
; HR← 3
STAM
; RAM[032h]← Acc
(2) Direct addressing mode:
The address in the bank is directly specified by 8 bits code of the second byte in the instruction field.
P9.3
HR
LR
RAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com