Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM73866 Fiches technique(PDF) 26 Page - ELAN Microelectronics Corp

No de pièce EM73866
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73866 Fiches technique(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM73866 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73866 Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
* This specification are subject to be changed without notice.
EM73866
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.29.1999
RESETTING FUNCTION
When CPU in normal working condition and RESET pin holds in low level for three instruction cycles at least,
then CPU begins to initialize the whole internal states, and when RESET pin changes to high level, CPU begins
to work in normal condition.
The CPU internal state during reset condition is as following table :
Hardware condition in RESET state
Initial value
Program counter
0000h
Status flag
01h
Interrupt enable flip-flop ( EI )
00h
MASK0 ,1, 2, 3
00h
Interrupt latch ( IL )
00h
P10, 11,14, 16, 19, 21, 22, 25, 27, 28, 29, 31
00h
P1, 3, 4, 5, 6, 7, 8
0Fh
Both oscillator
Start oscillation
The RESET pin is a hysteresis input pin and it has a pull-up resistor available by mask option.
The simplest RESET circuit is connect RESET pin with a capacitor to V
SS and a diode to VDD.
PROGRAM EXAMPLE
To enable WDT with 7x213/LXIN detection time.
LDIA
#0001B
OUTA P21
; set WDT detection time and clear WDT counter
:
:
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com